PART |
Description |
Maker |
KBA2338-WCSP KBA2338 |
3W F ilterless C lass-D Audio Power Amplifie r
|
Kingbor Technology Co
|
KA22296 |
Playback / Recoder Pre Amplifie for Double Deck
|
SEC
|
HMC478SC70 |
SiGe HBT GAIN BLOCK MMIC AMPLIFIE /DC - 4 GHz
|
Hittite Microwave Corporation
|
HA3-2406-5 HA-2406 FN2892 |
30MHz/ Digitally Selectable Four Channel Operational Amplifier 30MHz, Digitally Selectable Four Channel Operational Amplifier From old datasheet system
|
INTERSIL[Intersil Corporation]
|
UPD168103AK9-5B4-A UPD168103A |
5-CHANNEL OPERATIONAL AMPLIFIER, IRIS DRIVER, AND 4-CHANNEL H-BRIDGE DRIVER
|
NEC
|
PD168103-15 |
5-CHANNEL OPERATIONAL AMPLIFIER, IRIS DRIVER, AND 4-CHANNEL H-BRIDGE DRIVER
|
Renesas Electronics Corporation
|
IR2235JPBF IR2135JTRPBF IR2133PBF IR2133JSPBF IR22 |
0.5 A 3 CHANNEL, HALF BRDG BASED MOSFET DRIVER, PQCC32 3-PHASE BRIDGE DRIVER Floating channel designed for bootstrap operation Fully operational to 600V or 1200V Tolerant to negative transient voltage dV/dt immune
|
International Rectifier
|
HS-2400 INTERSILCORP-HS1-2400RH-Q HS-2400RH |
Radiation Hardened PRAM Four Channel Programmable Operational Amplifier
|
Intersil Corporation
|
LM2902VD LM2902V LM2902 LM324A LM324 LM224 LM324AD |
QUAD DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS From old datasheet system Advanced LinCMOS(TM) Low-Noise Chopper-Stabilized Operational Amplifier 8-PDIP Quad Low Power operational Amplifiers QUAD OP-AMP, 10000 uV OFFSET-MAX, 1 MHz BAND WIDTH, PDSO14
|
ON Semi MOTOROLA[Motorola Inc] Motorola Inc Motorola, Inc.
|
TL074A TL074AC TL074ACD TL074ACN TL074AI TL074AID |
LOW NOISE J-FET QUAD OPERATIONAL AMPLIFIERS Voltage-Feedback Operational Amplifier From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
ISL55004 ISL55002IB-T13 ISL55002IB-T7 ISL55002IB I |
High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifiers 1 CHANNEL, VIDEO AMPLIFIER, PDSO14
|
Intersil, Corp. Intersil Corporation
|
AD7705BRU AD7706 EVAL-AD7706EB EVAL-AD7705EB AD770 |
3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs 3 5伏,1毫瓦2-/3-Channel 16位Δ模数转换 Precision Zero-Drift Operational Amplifier with Internal Capacitors; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 3 5毫瓦2-/3-Channel 16位Δ模数转换器(264.12十一 ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection- Internal SMD design- 100% Burned In- Efficiency to 75% 3 V/5 V/ 1 mW 2-/3-Channel 16-Bit/ Sigma-Delta ADCs
|
http:// Analog Devices, Inc.
|